Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 32Page - PMC-Sierra, Inc PM5347 Datasheet HTML 33Page - PMC-Sierra, Inc PM5347 Datasheet HTML 34Page - PMC-Sierra, Inc PM5347 Datasheet HTML 35Page - PMC-Sierra, Inc PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc PM5347 Datasheet HTML 38Page - PMC-Sierra, Inc PM5347 Datasheet HTML 39Page - PMC-Sierra, Inc PM5347 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
20
Pin Name
Type
Pin
No.
Function
PRDI
Output
179
The path remote defect indication (PRDI) signal is
set high when path RDI is declared. This occurs
when bit 5 of the path status byte (G1) is set high
for five or ten consecutive frames. Path RDI is
removed when bit 5 of the G1 byte is set low for
five or ten consecutive frames (as selected in the
RPOP Pointer MSB and RDI Filter Control
register). This alarm indication is also available
via register access. PRDI is updated on the falling
edge of GROCLK.
LCD
Output
181
The loss of cell delineation (LCD) signal indicates
when cell delineation can not be found. LCD
transitions high when an out of cell delineation
(OCD) anomaly has persisted for 4 ms. Once
asserted, LCD remains high until no OCD
anomaly has been detected for 4 ms at which
time, LCD is set low. The OCD state is entered
when the cell delineation state machine is not in
the SYNC state. Please refer to the Functional
Description section for an explanation of the cell
delineation state machine.
This alarm indication is also available via register
access. LCD is updated on the falling edge of
GROCLK.
TLAIS
Input
75
The active high transmit line alarm indication
(TLAIS) signal controls the insertion of line AIS.
Line AIS is inserted by overwriting the
SONET/SDH frame contents with all ones (before
scrambling). The section overhead is not
overwritten. This function can also be performed
via register access. Line AIS insertion is internally
synchronized to frame boundaries. The TLAIS
input takes precedence over the TTOH and
TTOHEN inputs. TLAIS is sampled on the rising
edge of GTOCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com