Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 70Page - PMC-Sierra, Inc PM5347 Datasheet HTML 71Page - PMC-Sierra, Inc PM5347 Datasheet HTML 72Page - PMC-Sierra, Inc PM5347 Datasheet HTML 73Page - PMC-Sierra, Inc PM5347 Datasheet HTML 74Page - PMC-Sierra, Inc PM5347 Datasheet HTML 75Page - PMC-Sierra, Inc PM5347 Datasheet HTML 76Page - PMC-Sierra, Inc PM5347 Datasheet HTML 77Page - PMC-Sierra, Inc PM5347 Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
58
interrupt and register bit. The FIFO interface provided to the system is a
synchronous interface emulating commercial synchronous FIFOs. All receive
FIFO signals, RSOC, RRDENB, RCA, RXPRTY[1:0] and RDAT[15:0] are either
sampled or updated on the rising edge of the RFCLK clock input.
9.9
Clock Synthesis
The transmit clock may be synthesized from a 19.44 MHz or 6.48 MHz reference.
The transfer function yields a typical low pass corner of 500 kHz with a 19.44
MHz reference and 170 kHz with a 6.48 MHz reference, above which reference
jitter is attenuated at 12dB per octave. The design of the loop filter and PLL is
optimized for minimum intrinsic jitter. With a jitter free 19.44 MHz reference, the
intrinsic jitter is typically less than 0.01 UI RMS when measured using a high
pass filter with a 12 kHz cutoff frequency.
The TRCLK+/- reference should be within ±20 ppm to meet the SONET free-run
accuracy requirements specified in GR-253-CORE.
9.10
Parallel to Serial Converter
The Parallel to Serial Converter (PISO) converts the transmit byte serial stream
to a bit serial stream.
9.11
Transmit Section Overhead Processor
The Transmit Section Overhead Processor (TSOP) provides frame pattern
insertion (A1, A2), scrambling, section level alarm signal insertion, and section
BIP-8 (B1) insertion.
Line AIS Insert
Line AIS insertion results in all bits of the SONET/SDH frame being set to 1
before scrambling except for the section overhead. The Line AIS Insert Block
substitutes all ones as described when enabled by the TLAIS input or through an
internal register accessed through the microprocessor interface. Activation or
deactivation of line AIS insertion is synchronized to frame boundaries.
BIP-8 Insert
The BIP-8 Insert Block calculates and inserts the BIP-8 error detection code (B1)
into the transmit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com