Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 40Page - PMC-Sierra, Inc PM5347 Datasheet HTML 41Page - PMC-Sierra, Inc PM5347 Datasheet HTML 42Page - PMC-Sierra, Inc PM5347 Datasheet HTML 43Page - PMC-Sierra, Inc PM5347 Datasheet HTML 44Page - PMC-Sierra, Inc PM5347 Datasheet HTML 45Page - PMC-Sierra, Inc PM5347 Datasheet HTML 46Page - PMC-Sierra, Inc PM5347 Datasheet HTML 47Page - PMC-Sierra, Inc PM5347 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
Pin Name
Type
Pin
No.
Function
RTOH
Output
168
The receive transport overhead output (RTOH)
contains the receive transport overhead bytes
(A1, A2, J0/Z0, B1, E1, F1, D1-D3, H1-H3, B2,
K1, K2, D4-D12, S1/Z1, M0 or M1/Z2, and E2)
extracted from the receive stream. RTOH is
updated on the falling edge of RTOHCLK.
RTOHCLK
Output
164
The receive transport overhead clock (RTOHCLK)
is nominally a 5.184 MHz clock (STM-1/STS-3c)
or a 1.728 MHz clock (STS-1) which provides
timing to process the extracted receive transport
overhead. When STS-3c (STM-1) mode is
selected, RTOHCLK is a gapped 6.48 MHz clock.
When STS-1 mode is selected, RTOHCLK is a
gapped 2.16 MHz clock. RTOHCLK is updated on
the falling edge of GROCLK.
RTOHFP
Output
167
The receive transport overhead frame position
(RTOHFP) signal is used to locate the individual
receive transport overhead bits in the transport
overhead output, RTOH. RTOHFP is set high
while bit 1 (the most significant bit) of the first
framing byte (A1) is present in the RTOH stream.
RTOHFP is updated on the falling edge of
RTOHCLK.
RPOH
Output
171
The receive path overhead data (RPOH) signal
contains the path overhead bytes (J1, B3, C2, G1,
F2, H4, Z3, Z4, and Z5) extracted from the
received STS-3c/1 frame. RPOH is updated on
the falling edge of RPOHCLK.
RPOHCLK
Output
169
The receive path overhead clock (RPOHCLK) is
nominally a 576 kHz clock which provides timing
to process the extracted receive path overhead.
RPOHCLK is a gapped 648 KHz clock.
RPOHCLK is updated on the falling edge of
GROCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com