Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 57 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 57 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 53Page - PMC-Sierra, Inc PM5347 Datasheet HTML 54Page - PMC-Sierra, Inc PM5347 Datasheet HTML 55Page - PMC-Sierra, Inc PM5347 Datasheet HTML 56Page - PMC-Sierra, Inc PM5347 Datasheet HTML 57Page - PMC-Sierra, Inc PM5347 Datasheet HTML 58Page - PMC-Sierra, Inc PM5347 Datasheet HTML 59Page - PMC-Sierra, Inc PM5347 Datasheet HTML 60Page - PMC-Sierra, Inc PM5347 Datasheet HTML 61Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
41
Pin Name
Type
Pin
No.
Function
RAVS1
Ground
148
The ground (RAVS1) pin for receive clock and
data recovery block reference circuitry. RAVS1
should be connected to a clean ground reference.
RAVD2
Power
145
The power (RAVD2) pin for receive clock and data
recovery block active loop filter and oscillator.
RAVD2 should be connected to a clean, well
decoupled, +5V supply.
RAVS2
Ground
146
The ground (RAVS2) pin for receive clock and
data recovery block active loop filter and oscillator.
RAVS2 should be connected to a clean ground
reference.
RAVD3
Power
140
The power (RAVD3) pin for the RXD+/- and
ALOS+/- PECL inputs. RAVD3 should be
connected to a clean, well decoupled, +5V supply.
RAVS3
Ground
139
The ground (RAVS3) pin for the RXD+/- and
ALOS+/- PECL inputs. RAVS3 should be
connected to a clean ground reference.
RAVD4
Power
141
The power (RAVD4) pin for the RRCLK+/- PECL
inputs. RAVD4 should be connected to a clean,
well decoupled, +5V supply..
RAVS4
Ground
144
The ground (RAVS4) pin for the RRCLK+/- PECL
inputs. RAVS4 should be connected to a clean
ground reference.
Notes on Pin Description:
1. All S/UNI-PLUS inputs and bidirectionals present minimum capacitive loading
and operate at TTL logic levels except for the RXD+/-, ALOS+/-, RRCLK+/-,
and TRCLK+/- inputs which operate at pseudo-ECL (PECL) logic levels.
2. The TXD+/- and TXC+/- outputs have a 6 mA drive capability. The GTOCLK,
GROCLK, RSOC, RDAT[15:0], RXPRTY[1:0], RCA, TCA and D[7:0] outputs
and bidirectionals have a 4 mA drive capability. All other S/UNI-PLUS digital
outputs and bidirectionals have 2 mA drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com