Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 60Page - PMC-Sierra, Inc PM5347 Datasheet HTML 61Page - PMC-Sierra, Inc PM5347 Datasheet HTML 62Page - PMC-Sierra, Inc PM5347 Datasheet HTML 63Page - PMC-Sierra, Inc PM5347 Datasheet HTML 64Page - PMC-Sierra, Inc PM5347 Datasheet HTML 65Page - PMC-Sierra, Inc PM5347 Datasheet HTML 66Page - PMC-Sierra, Inc PM5347 Datasheet HTML 67Page - PMC-Sierra, Inc PM5347 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
48
Pointer Interpreter
The Pointer Interpreter Block interprets the incoming pointer (H1, H2) as
specified in the references. The pointer value is used to determine the location of
the path overhead in the receive stream. The algorithm can be modeled by a
finite state machine. Within the pointer interpretation algorithm, three states are
defined as shown in Figure 4:
NORM_state (NORM)
AIS_state (AIS)
LOP_state (LOP)
The transition between states will be consecutive events (indications), e.g., three
consecutive AIS indications to go from the NORM_state to the AIS_state. The
kind and number of consecutive indications activating a transition is chosen such
that the behavior is stable and insensitive to low BER. The only transition on a
single event is the one from the AIS_state to the NORM_state after receiving a
NDF enabled with a valid pointer value. It should be noted that, since the
algorithm only contains transitions based on consecutive indications, this implies
that, for example, non-consecutively received invalid indications do not activate
the transitions to the LOP_state.
The following events (indications) are defined:
norm_point :
disabled NDF + ss + offset value equal to active offset
NDF_enable:
enabled NDF + ss + offset value in range of 0 to 782
AIS_ind:
H1 = 'hFF, H2 = 'hFF
inc_ind:
disabled NDF + ss + majority of I bits inverted + no majority
of D bits inverted + previous NDF_enable, inc_ind or
dec_ind more than 3 frames ago
dec_ind:
disabled NDF + ss + majority of D bits inverted + no majority
of I bits inverted + previous NDF_enable, inc_ind or dec_ind
more than 3 frames ago
inv_point:
not any of above (i.e., not norm_point, and not NDF_enable,
and not AIS_ind, and not inc_ind and not dec_ind)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com