Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 24Page - PMC-Sierra, Inc PM5347 Datasheet HTML 25Page - PMC-Sierra, Inc PM5347 Datasheet HTML 26Page - PMC-Sierra, Inc PM5347 Datasheet HTML 27Page - PMC-Sierra, Inc PM5347 Datasheet HTML 28Page - PMC-Sierra, Inc PM5347 Datasheet HTML 29Page - PMC-Sierra, Inc PM5347 Datasheet HTML 30Page - PMC-Sierra, Inc PM5347 Datasheet HTML 31Page - PMC-Sierra, Inc PM5347 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
12
a large variety of errors into the transmit stream, such as framing pattern errors,
bit interleaved parity errors, and illegal pointers, which are useful for system
diagnostics and tester applications.
ATM cells are written to an internal four cell FIFO using a generic 16- or 8-bit
wide datapath interface. Idle/unassigned cells are automatically inserted when
the internal FIFO contains less than one cell. The S/UNI-PLUS provides
generation of the header check sequence and scrambles the payload of the ATM
cells. Each of these transmit ATM cell processing functions can be enabled or
bypassed.
No line rate clocks are required directly by the S/UNI-PLUS as it synthesizes the
transmit clock and recovers the receive clock using a 19.44 MHz or 6.48 MHz
reference clock. Optionally, receive clock recovery or transmit clock synthesis
may be bypassed.
The S/UNI-PLUS is configured, controlled and monitored via a generic 8-bit
microprocessor bus interface. The S/UNI-PLUS also provides a standard 5
signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
The S/UNI-PLUS is implemented in low power, +5 Volt, CMOS technology. It has
TTL and pseudo-ECL (PECL) compatible inputs and TTL/CMOS compatible
outputs and is packaged in a 208 pin PQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com