Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 44Page - PMC-Sierra, Inc PM5347 Datasheet HTML 45Page - PMC-Sierra, Inc PM5347 Datasheet HTML 46Page - PMC-Sierra, Inc PM5347 Datasheet HTML 47Page - PMC-Sierra, Inc PM5347 Datasheet HTML 48Page - PMC-Sierra, Inc PM5347 Datasheet HTML 49Page - PMC-Sierra, Inc PM5347 Datasheet HTML 50Page - PMC-Sierra, Inc PM5347 Datasheet HTML 51Page - PMC-Sierra, Inc PM5347 Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
32
Pin Name
Type
Pin
No.
Function
TPOH
Input
85
The transmit path overhead data (TPOH) signal
contains the path overhead bytes (J1, C2, G1, F2,
H4, Z3, Z4, and Z5) and error masks (B3) which
may be inserted, or used to insert path BIP-8
errors into the path overhead byte positions in the
transmit stream. Insertion is controlled by the
TPOHEN input, or by bits in internal registers.
TPOH is sampled on the rising edge of
TPOHCLK.
TPOHEN
Input
87
The transmit path overhead insert enable
(TPOHEN) signal, together with internal register
bits, controls the source of the path overhead data
which is transmitted. While TPOHEN is high,
values sampled on the TPOH input are inserted
into the corresponding path overhead bit position
(for the J1, C2, G1, H4, F2, Z3, Z4, and Z5 bytes).
While TPOHEN is low, values obtained from
internal registers are inserted into these path
overhead bit positions. A high level on TPOHEN
during the B3 bit positions enables an error mask.
While the error mask is enabled, a high level on
input TPOH causes the corresponding B3 bit
position to be inverted. A low level on TPOH
allows the corresponding bit position to pass
through the S/UNI-PLUS uncorrupted. TPOHEN
is sampled on the rising edge of TPOHCLK.
TPOHCLK
Output
88
The transmit path overhead clock (TPOHCLK) is
nominally a 576 kHz clock which provides timing
for circuitry that sources the path overhead
stream, TPOH. TPOHCLK is a gapped 810 KHz
clock. TPOHCLK is updated in the falling edge of
GTOCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com