Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 48Page - PMC-Sierra, Inc PM5347 Datasheet HTML 49Page - PMC-Sierra, Inc PM5347 Datasheet HTML 50Page - PMC-Sierra, Inc PM5347 Datasheet HTML 51Page - PMC-Sierra, Inc PM5347 Datasheet HTML 52Page - PMC-Sierra, Inc PM5347 Datasheet HTML 53Page - PMC-Sierra, Inc PM5347 Datasheet HTML 54Page - PMC-Sierra, Inc PM5347 Datasheet HTML 55Page - PMC-Sierra, Inc PM5347 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
36
Pin Name
Type
Pin
No.
Function
RDB
Input
24
The active low read enable (RDB) signal is low
during S/UNI-PLUS register read accesses. The
S/UNI-PLUS drives the D[7:0] bus with the
contents of the addressed register while RDB and
CSB are low.
WRB
Input
23
The active low write strobe (WRB) signal is low
during a S/UNI-PLUS register write accesses.
The D[7:0] bus contents are clocked into the
addressed register on the rising WRB edge while
CSB is low.
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[6]
D[7]
I/O
27
28
31
32
35
36
39
40
The bidirectional data bus D[7:0] is used during
S/UNI-PLUS register read and write accesses.
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
Input
12
13
14
15
16
17
18
The address bus A[7:0] selects specific registers
during S/UNI-PLUS register accesses.
A[7]/TRS
19
The test register select (TRS) signal selects
between normal and test mode register accesses.
TRS is high during test mode register accesses,
and is low during normal mode register accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com