Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 83Page - PMC-Sierra, Inc PM5347 Datasheet HTML 84Page - PMC-Sierra, Inc PM5347 Datasheet HTML 85Page - PMC-Sierra, Inc PM5347 Datasheet HTML 86Page - PMC-Sierra, Inc PM5347 Datasheet HTML 87Page - PMC-Sierra, Inc PM5347 Datasheet HTML 88Page - PMC-Sierra, Inc PM5347 Datasheet HTML 89Page - PMC-Sierra, Inc PM5347 Datasheet HTML 90Page - PMC-Sierra, Inc PM5347 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
71
buffer as a word wide stream (along with a bit marking the first word of the cell)
at instantaneous rates of up to 52 MHz.
The cell data structure supported is described in the Operation section.
9.18.2 Transmit Interface
The drop side transmit interface can be accessed through a generic 19-bit wide
interface. External circuitry is notified using the TCA signal when a cell may be
written to the transmit FIFO. The cell is written to the FIFO as a word wide
stream (along with a bit marking the first word of the cell) at instantaneous rates
of up to 52 MHz.
The cell data structure supported is described in the Operation section.
9.19
Parallel I/O Port
The Parallel Input/Output Port block provides four generic outputs and four
generic inputs that can be used to control and monitor front end PMD devices.
9.20
JTAG Test Access Port
The JTAG Test Access Port block provides JTAG support for boundary scan. The
standard JTAG EXTEST, SAMPLE, BYPASS, IDCODE and STCTEST
instructions are supported. The S/UNI-PLUS identification code is 053470CD
hexadecimal.
9.21
Microprocessor Interface
The microprocessor interface block provides normal and test mode registers, and
the logic required to connect to the microprocessor interface. The normal mode
registers are required for normal operation, and test mode registers are used to
enhance the testability of the S/UNI-PLUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com