Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 84 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 84 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 80Page - PMC-Sierra, Inc PM5347 Datasheet HTML 81Page - PMC-Sierra, Inc PM5347 Datasheet HTML 82Page - PMC-Sierra, Inc PM5347 Datasheet HTML 83Page - PMC-Sierra, Inc PM5347 Datasheet HTML 84Page - PMC-Sierra, Inc PM5347 Datasheet HTML 85Page - PMC-Sierra, Inc PM5347 Datasheet HTML 86Page - PMC-Sierra, Inc PM5347 Datasheet HTML 87Page - PMC-Sierra, Inc PM5347 Datasheet HTML 88Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
68
The TMR handles the incoming 16-byte message by synchronizing to the
byte with the most significant bit set high, and places that byte in the first
location in the capture page of the internal RAM. In the case of the 64-byte
message, the TMR synchronizes to the trailing carriage return (0x0D), line
feed (0x0A) sequence and places the next byte in the first location in the
capture page of the internal RAM. The Framer block maintains an internal
representation of the resulting 16-byte or 64-byte "frame" cycle. If the phase
of the start of frame shifts, the framer adjusts accordingly and resets the
persistency counter and increments the unstable counter.
Frame synchronization may be disabled, in which case the RAM acts as a
circular buffer.
Persistency:
The Persistency process checks for repeated reception of the same 16-byte
or 64-byte trace message. An unstable counter is incremented for each
message that differs from the previous received message. For example, a
single corrupted message in a field of constant messages causes the
unstable count to increment twice, once on receipt of the corrupted message,
and again on the next (uncorrupted) message. A section/path trace message
unstable alarm is declared when the count reaches eight.
The persistency counter is reset to zero, the unstable alarm is removed, and
the trace message is accepted when the same 16-byte or 64-byte message is
received three or five times consecutively (as determined by an internal
register bit). The accepted message is passed to the Compare process for
comparison with the expected message.
Compare:
A receive trace message mismatch alarm is declared if the accepted
message (i.e. the message that passed the persistency check) does not
match the expected message (previously downloaded to the receive expected
page by the microprocessor). The mismatch alarm is removed if the accepted
message is all-zero, or if the accepted message is identical to the expected
message.
2. Overhead Byte Receiver:
The Overhead Byte Receiver (OBR) processes the path signal label byte
(C2). The OBR consists of two sub-processes: Persistency and Compare.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com