Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 58Page - PMC-Sierra, Inc PM5347 Datasheet HTML 59Page - PMC-Sierra, Inc PM5347 Datasheet HTML 60Page - PMC-Sierra, Inc PM5347 Datasheet HTML 61Page - PMC-Sierra, Inc PM5347 Datasheet HTML 62Page - PMC-Sierra, Inc PM5347 Datasheet HTML 63Page - PMC-Sierra, Inc PM5347 Datasheet HTML 64Page - PMC-Sierra, Inc PM5347 Datasheet HTML 65Page - PMC-Sierra, Inc PM5347 Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
46
Loss of Frame
The Loss of Frame Block monitors the in-frame / out-of-frame status of the
Framer Block. A loss of frame (LOF) is declared when an out-of-frame condition
persists for 3 ms. The LOF is cleared when an in-frame condition persists for a
period of 3 ms. To provide for intermittent out-of-frame (or in-frame) conditions,
the 3 ms timer is not reset to zero until an in-frame (or out-of-frame) condition
persists for 3 ms. LOF is updated on the falling edge of GROCLK.
9.4
Receive Line Overhead Processor
The Receive Line Overhead Processor (RLOP) provides line level alarm and
performance monitoring. In addition, it extracts the line orderwire channel and the
line data communication channel from the line overhead and provides it serially
on outputs RLOW and RLD respectively.
Line RDI Detect
The Line RDI Detect Block detects the presence of Line Remote Defect
Indication (LRDI) in the receive stream. Output LRDI is asserted when a 110
binary pattern is detected in bits 6, 7, and 8 of the K2 byte, for three or five
consecutive frames. LRDI is removed when any pattern other than 110 is
detected in bits 6, 7, and 8 of the K2 byte for three or five consecutive frames.
LRDI is updated on the falling edge of GROCLK.
Line AIS Detect
The Line AIS Block detects the presence of a Line Alarm Indication Signal (LAIS)
in the receive stream. Output LAIS is asserted when a 111 binary pattern is
detected in bits 6, 7, and 8 of the K2 byte, for three or five consecutive frames.
LAIS is removed when any pattern other than 111 is detected in bits 6, 7, and 8
of the K2 byte for three or five consecutive frames. LAIS is updated with on the
falling edge of GROCLK.
Automatic Protection Switch Control Block
The Automatic Protection Switch Control (APSC) Block filters and captures the
receive automatic protection switch channel bytes (K1 and K2) allowing them to
be read via the S/UNI-PLUS Receive K1 Register and the S/UNI-PLUS Receive
K2 Register. The bytes are filtered for three frames before being written to these
registers. A protection switching byte failure alarm is declared when twelve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com