Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 72Page - PMC-Sierra, Inc PM5347 Datasheet HTML 73Page - PMC-Sierra, Inc PM5347 Datasheet HTML 74Page - PMC-Sierra, Inc PM5347 Datasheet HTML 75Page - PMC-Sierra, Inc PM5347 Datasheet HTML 76Page - PMC-Sierra, Inc PM5347 Datasheet HTML 77Page - PMC-Sierra, Inc PM5347 Datasheet HTML 78Page - PMC-Sierra, Inc PM5347 Datasheet HTML 79Page - PMC-Sierra, Inc PM5347 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
60
BIP-24/8 errors may be continuously inserted under register control for
diagnostic purposes.
Line RDI Insert
The Line RDI Insert Block controls the insertion of line remote defect indication.
Line RDI insertion is enabled using the TLRDI input, or register control. Line RDI
is inserted by transmitting the code 110 (binary) in bit positions 6, 7, and 8 of the
K2 byte contained in the transmit stream.
Line FEBE Insert
The Line FEBE Insert Block accumulates line BIP-24/8 errors (B2) detected by
the Receive Line Overhead Processor and encodes far end block error
indications in the transmit Z2 byte.
9.13
Transport Overhead Insert Port
The Transport Overhead Insert Port allows the complete transport overhead to
be inserted using input TTOH, along with the transport overhead clock,
TTOHCLK, and the transport overhead frame position, TTOHFP. The transport
overhead clock, TTOHCLK, is nominally a 5.184 MHz (STS-3c/STM-1 mode) or a
1.728 MHz (STS-1 mode) clock. The transport overhead enable signal,
TTOHEN, controls the insertion of transport overhead from TTOH.
The state of the TTOHEN input determines whether the data sampled on TTOH,
or the default overhead byte values (shown in Figure 7 and Figure 8) are inserted
in the transmit stream. For example, when configured for STS-3c (STM-1) mode,
a high level on TTOHEN during the section user channel (F1) bit positions
causes the eight values shifted in the TTOH input to be inserted in the F1 byte
position in the transmit stream. A low level on TTOHEN during the section user
channel bit positions causes the default value (0x00) to be inserted in the
transmit stream.
During the H1, H2, B1 and B2 byte positions in the TTOH stream, a high level on
TTOHEN enables an error insertion mask. While the error mask is enabled, a
high level on TTOH causes the corresponding bit in the H1, H2, B1 or B2 byte to
be inverted. A low level on TTOH causes the corresponding bit in the H1, H2, B1
or B2 byte to be transmitted uncorrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com