Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 34Page - PMC-Sierra, Inc PM5347 Datasheet HTML 35Page - PMC-Sierra, Inc PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc PM5347 Datasheet HTML 38Page - PMC-Sierra, Inc PM5347 Datasheet HTML 39Page - PMC-Sierra, Inc PM5347 Datasheet HTML 40Page - PMC-Sierra, Inc PM5347 Datasheet HTML 41Page - PMC-Sierra, Inc PM5347 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
22
Pin Name
Type
Pin
No.
Function
RFCLK
Input
191
The receive FIFO clock (RFCLK) is used to read
words from the synchronous FIFO interface.
RFCLK must cycle at a 52 MHz or lower
instantaneous rate, but at a high enough rate to
avoid FIFO overflow. RRDENB is sampled using
the rising edge of RFCLK. RSOC, RCA,
RXPRTY[1:0] and RDAT[15:0] are updated on the
rising edge of RFCLK.
RRDENB
Input
190
The active low receive read enable input
(RRDENB) is used to initiate reads from the
receive FIFO. When sampled low using the rising
edge of RFCLK, a word is read from the internal
synchronous FIFO and output on bus RDAT[15:0].
When sampled high using the rising edge of
RFCLK, no read is performed and outputs
RDAT[15:0], RXPRTY[1:0] and RSOC are tristated
if the TSEN input is high. RRDENB must operate
in conjunction with RFCLK to access the FIFO at
a high enough instantaneous rate as to avoid
FIFO overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com