Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 87Page - PMC-Sierra, Inc PM5347 Datasheet HTML 88Page - PMC-Sierra, Inc PM5347 Datasheet HTML 89Page - PMC-Sierra, Inc PM5347 Datasheet HTML 90Page - PMC-Sierra, Inc PM5347 Datasheet HTML 91Page - PMC-Sierra, Inc PM5347 Datasheet HTML 92Page - PMC-Sierra, Inc PM5347 Datasheet HTML 93Page - PMC-Sierra, Inc PM5347 Datasheet HTML 94Page - PMC-Sierra, Inc PM5347 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
75
Address
Register
0x56
RACP Correctable HCS Error Count (MSB)
0x57
RACP Uncorrectable HCS Error Count (LSB)
0x58
RACP Uncorrectable HCS Error Count (MSB)
0x59
RACP Receive Cell Counter (LSB)
0x5A
RACP Receive Cell Counter
0x5B
RACP Receive Cell Counter (MSB)
0x5C
RACP GFC Control
0x5D-0x5F
RACP Reserved
0x60
TACP Control/Status
0x61
TACP Idle/Unassigned Cell Header Pattern
0x62
TACP Idle/Unassigned Cell Payload Octet Pattern
0x63
TACP FIFO Control
0x64
TACP Transmit Cell Counter (LSB)
0x65
TACP Transmit Cell Counter
0x66
TACP Transmit Cell Counter (MSB)
0x67
TACP Fixed Stuff / GFC
0x68
SPTB Control
0x69
SPTB Status
0x6A
SPTB Indirect Address
0x6B
SPTB Indirect Data
0x6C
SPTB Expected Path Signal Label
0x6D
SPTB Path Signal Label Status
0x6E-0x6F
SPTB Reserved
0x70
BERM Control
0x71
BERM Interrupt
0x72
BERM Line BIP Accumulation Period LSB
0x73
BERM Line BIP Accumulation Period MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com