Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 57Page - PMC-Sierra, Inc PM5347 Datasheet HTML 58Page - PMC-Sierra, Inc PM5347 Datasheet HTML 59Page - PMC-Sierra, Inc PM5347 Datasheet HTML 60Page - PMC-Sierra, Inc PM5347 Datasheet HTML 61Page - PMC-Sierra, Inc PM5347 Datasheet HTML 62Page - PMC-Sierra, Inc PM5347 Datasheet HTML 63Page - PMC-Sierra, Inc PM5347 Datasheet HTML 64Page - PMC-Sierra, Inc PM5347 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
While in-frame, the framing bytes (A1, A2) in each frame are compared against
the expected pattern. Out-of-frame is declared when four consecutive frames
containing one or more framing pattern errors have been received.
While out-of-frame, the SIPO block monitors the receive stream for an
occurrence of the framing pattern. When a framing pattern has been recognized,
the Framer block verifies that an error free framing pattern is present in the next
frame before declaring in-frame.
Descramble
The Descramble Block utilizes a frame synchronous descrambler to process the
receive stream. The generating polynomial is x7 + x6 + 1 and the sequence
length is 127. Details of the descrambling operation are provided in the
references. Note that the framing bytes (A1 and A2) and the trace/growth bytes
(J0/Z0) are not descrambled. A register bit is provided to disable the
descrambling operation.
Error Monitor
The Error Monitor Block calculates the received section BIP-8 error detection
code (B1) based on the scrambled data of the complete STS-3c/1 (STM-1)
frame. The section BIP-8 code is based on a bit interleaved parity calculation
using even parity. Details are provided in the references. The calculated BIP-8
code is compared with the BIP-8 code extracted from the B1 byte of the following
frame. Differences indicate that a section level bit error has occurred. Up to
64000 (8 x 8000) bit errors can be detected per second. The Error Monitor Block
accumulates these section level bit errors in a 16-bit saturating counter that can
be read via the microprocessor interface. Circuitry is provided to latch this
counter so that its value can be read while simultaneously resetting the internal
counter to 0 or 1, if appropriate, so that a new period of accumulation can begin
without loss of any events. It is intended that this counter be polled at least once
per second so as not to miss bit error events.
Loss of Signal
The Loss of Signal Block monitors the scrambled data of the receive stream for
the absence of 1's. When 20 ± 3 µs of all zeros patterns is detected, a loss of
signal (LOS) is declared. Loss of signal is cleared when two valid framing words
are detected and during the intervening time, no loss of signal condition is
detected. LOS is updated on the falling edge of GROCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com