Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 84Page - PMC-Sierra, Inc PM5347 Datasheet HTML 85Page - PMC-Sierra, Inc PM5347 Datasheet HTML 86Page - PMC-Sierra, Inc PM5347 Datasheet HTML 87Page - PMC-Sierra, Inc PM5347 Datasheet HTML 88Page - PMC-Sierra, Inc PM5347 Datasheet HTML 89Page - PMC-Sierra, Inc PM5347 Datasheet HTML 90Page - PMC-Sierra, Inc PM5347 Datasheet HTML 91Page - PMC-Sierra, Inc PM5347 Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
72
9.22
Register Memory Map
Address
Register
0x00
S/UNI-PLUS Master Reset and Identity / Load Performance
Meters
0x01
S/UNI-PLUS Master Configuration
0x02
S/UNI-PLUS Master Interrupt Status
0x03
S/UNI-PLUS Master Control
0x04
S/UNI-PLUS Master Auto Alarm/Monitor
0x05
S/UNI-PLUS Clock Synthesis Control and Status
0x06
S/UNI-PLUS Clock Recovery Control and Status
0x07
S/UNI-PLUS Parallel I/O Port
0x08
S/UNI-PLUS Parallel Input Port Interrupt
0x09
S/UNI-PLUS Parallel Input Port Enable
0x0A
S/UNI-PLUS Transmit J0/Z0
0x0B
S/UNI-PLUS APS Control/Status
0x0C
S/UNI-PLUS Receive K1
0x0D
S/UNI-PLUS Receive K2
0x0E
S/UNI-PLUS Receive S1
0x0F
S/UNI-PLUS Transmit S1
0x10
RSOP Control/Interrupt Enable
0x11
RSOP Status/Interrupt Status
0x12
RSOP Section BIP-8 LSB
0x13
RSOP Section BIP-8 MSB
0x14
TSOP Control
0x15
TSOP Diagnostic
0x16-0x17
TSOP Reserved
0x18
RLOP Control/Status
0x19
RLOP Interrupt Enable/Interrupt Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com