Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 43Page - PMC-Sierra, Inc PM5347 Datasheet HTML 44Page - PMC-Sierra, Inc PM5347 Datasheet HTML 45Page - PMC-Sierra, Inc PM5347 Datasheet HTML 46Page - PMC-Sierra, Inc PM5347 Datasheet HTML 47Page - PMC-Sierra, Inc PM5347 Datasheet HTML 48Page - PMC-Sierra, Inc PM5347 Datasheet HTML 49Page - PMC-Sierra, Inc PM5347 Datasheet HTML 50Page - PMC-Sierra, Inc PM5347 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Pin Name
Type
Pin
No.
Function
TTOHEN
Input
91
The transmit transport overhead insert enable
(TTOHEN) signal, together with internal register
bits, controls the source of the transport overhead
data which is transmitted. While TTOHEN is high,
values sampled on the TTOH input are inserted
into the corresponding transport overhead bit
position (for the A1, A2, J0/Z0, E1, F1, D1-D3, K1,
K2, H3, D4-D12, S1/Z1, M0 or M1/Z2, and E2
bytes). While TTOHEN is low, default values are
inserted into these transport overhead bit
positions. A high level on TTOHEN during the B1,
B2 or H1-H2 bit positions enables an error mask.
While the error mask is enabled, a high level on
input TTOH causes the corresponding B1, B2 or
H1-H2 bit position to be inverted. A low level on
TTOH allows the corresponding bit position to
pass through the S/UNI-PLUS uncorrupted.
TTOHEN is sampled on the rising edge of
TTOHCLK.
TTOHCLK
Output
92
The transmit transport overhead clock
(TTOHCLK) is nominally a 5.184 MHz clock
(STS-3c/STM-1) or a 1.728 MHz clock (STS-1)
clock which provides timing for circuitry that
sources the transport overhead stream, TTOH.
When STS-3c (STM-1) mode is selected,
TTOHCLK is a gapped 6.48 MHz clock. When
STS-1 mode is selected, TTOHCLK is a gapped
2.16 MHz clock. TTOHCLK is updated in the
rising edge of GTOCLK.
TTOHFP
Output
90
The transmit transport overhead frame position
(TTOHFP) signal is used to locate the individual
transport overhead bits in the transport overhead
input, TTOH. TTOHFP is set high while bit 1 (the
most significant bit) of the first framing byte (A1) is
expected on TTOH. TTOHFP is updated on the
falling edge of TTOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com