Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 29 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 29 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 25Page - PMC-Sierra, Inc PM5347 Datasheet HTML 26Page - PMC-Sierra, Inc PM5347 Datasheet HTML 27Page - PMC-Sierra, Inc PM5347 Datasheet HTML 28Page - PMC-Sierra, Inc PM5347 Datasheet HTML 29Page - PMC-Sierra, Inc PM5347 Datasheet HTML 30Page - PMC-Sierra, Inc PM5347 Datasheet HTML 31Page - PMC-Sierra, Inc PM5347 Datasheet HTML 32Page - PMC-Sierra, Inc PM5347 Datasheet HTML 33Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
13
7
PIN DIAGRAM
The S/UNI-PLUS is packaged in a 208 pin plastic QFP package having a body
size of 28 mm by 28 mm and a pin pitch of 0.5 mm.
PM5347
S/UNI-PLUS
RBYP
RATP
LF+
LF-
LFO
RAVS1
RAVD1
RAVS2
RRCLK+
RRCLK-
VSS_AC
RDAT[9]
RDAT[10]
RDAT[11]
RDAT[12]
RDAT[13]
RDAT[14]
RAVD4
PIN 1
PIN 156
PIN 52
Index
PIN 105
RDAT[15]
VDD_AC
VDD_DC
VSS_DC
D[0]
D[1]
D[2]
D[3]
VDD_AC
VDD_DC
VSS_DC
VSS_AC
D[4]
D[5]
D[6]
D[7]
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
ALE
RSTB
CSB
WRB
RDB
INTB
TDAT[0]
TDAT[1]
TDAT[2]
TDAT[3]
TDAT[4]
TDAT[5]
RAVS3
RAVD3
RAVS4
ALOS+
ALOS-
RXD+
RXD-
RAVD2
RXDO-
RXDO+
VSS_AC
VDD_AC
TXVSS
TXD-
TXD+
TXC-
TXC+
TXVDD
TAVS3
TRCLK+
TRCLK-
TAVD3
TAVS2
TAVD2
TAVS1
TAVD1
TATP
TBYP
TCK
TSEN
BUS8
TMS
TDI
TDO
RSDCLK
ROWCLK
RLOW
TRSTB
POP[3]
POP[2]
POP[1]
POP[0]
PIP[1]
PIP[0]
PIP[2]
PIP[3]
VSS_DC
VDD_DC
VDD_DC
VSS_DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com