Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 80 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 80 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 76Page - PMC-Sierra, Inc PM5347 Datasheet HTML 77Page - PMC-Sierra, Inc PM5347 Datasheet HTML 78Page - PMC-Sierra, Inc PM5347 Datasheet HTML 79Page - PMC-Sierra, Inc PM5347 Datasheet HTML 80Page - PMC-Sierra, Inc PM5347 Datasheet HTML 81Page - PMC-Sierra, Inc PM5347 Datasheet HTML 82Page - PMC-Sierra, Inc PM5347 Datasheet HTML 83Page - PMC-Sierra, Inc PM5347 Datasheet HTML 84Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
64
FEBE bit positions of the path status (G1) byte. The FEBE information is derived
from path BIP-8 errors detected by the receive path overhead processor, RPOP.
Far end block errors may be inserted under register control for diagnostic
purposes.
9.15
Path Overhead Insert
The Path Overhead Insert Port allows the complete path overhead to be inserted
using input TPOH, along with the path overhead clock, TPOHCLK, and the path
overhead frame position, TPOHFP. The path overhead clock, TPOHCLK, is
nominally a 576 kHz clock. The state of the TPOHEN input, together with an
internal register, determines whether the data sampled on TPOH, or the default
path overhead byte values (shown in Figure 9) are inserted in the transmit
stream. For example, a high level on TPOHEN during the path signal label (C2)
bit positions causes the eight values shifted in on TPOH to be inserted in the C2
byte position in the transmit stream. A low level on TPOHEN during the path
signal label bit positions causes the default value (0x13) to be inserted in the
transmit stream.
During the B3 byte position in the TPOH stream, a high level on TPOHEN
enables an error insertion mask. While the error mask is enabled, a high level on
input TPOH causes the corresponding bit in the B3 byte to be inverted. A low
level on TPOH causes the corresponding bit in the B3 byte to be transmitted
uncorrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com