Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 93Page - PMC-Sierra, Inc PM5347 Datasheet HTML 94Page - PMC-Sierra, Inc PM5347 Datasheet HTML 95Page - PMC-Sierra, Inc PM5347 Datasheet HTML 96Page - PMC-Sierra, Inc PM5347 Datasheet HTML 97Page - PMC-Sierra, Inc PM5347 Datasheet HTML 98Page - PMC-Sierra, Inc PM5347 Datasheet HTML 99Page - PMC-Sierra, Inc PM5347 Datasheet HTML 100Page - PMC-Sierra, Inc PM5347 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
TRATE[1:0]
MODE
10
51.84 Mbit/s, STS-1
11
155.52 Mbit/s, STS-3c/STM-1
FIXPTR:
The FIXPTR bit disables transmit payload pointer adjustments. If the FIXPTR
bit is a logic one, the transmit payload pointer is set at 522. If FIXPTR is a
logic zero, the payload pointer is controlled by the contents of the TPOP
Pointer Control register.
SDH_J0/Z0
The SDH_J0/Z0 bit selects whether to insert SONET or SDH formatted
section overhead bytes into the transmit stream. When SDH_J0/Z0 is a logic
one, SDH format section overhead bytes are selected for insertion. For this
case, the J0 byte (in STS-1) or the J0/Z0 bytes (in STS-3c) in the transmitted
signal are forced to the value programmed in the S/UNI-PLUS Transmit J0/Z0
register. When SDH_J0/Z0 is a logic zero, SONET formatted section
overhead bytes are selected for insertion. For this case, the J0/Z0 bytes of
the transmitted STS-N signal are numbered incrementally from 1 to N (i.e.,
the J0 byte will be set to 0x01, the first Z0 will be set to 0x02, the second Z0
will be set to 0x03, etc.).
Note, for both cases, the transmit section trace buffer enable bit, TSTBEN can
be used to overwrite the J0 byte of the transmitted STS-3c/1 (STM-1) signal.
TSTBEN
The TSTBEN bit controls whether the section trace message stored in the
SSTB block is inserted into the transmit stream (i.e. the J0 byte). When
TSTBEN is a logic one, the message stored in the SSTB is inserted into the
transmit stream. When TSTBEN is a logic zero, the section trace message is
supplied by the TSOP block or via the TTOH input.
TPTBEN
The TPTBEN bit controls whether the path trace message stored in the SPTB
block is inserted into the transmit stream (i.e. the J1 byte). When TPTBEN is
a logic one, the message stored in the SPTB is inserted into the transmit
stream. When TPTBEN is a logic zero, the path trace message is supplied by
the TPOP block or via the TPOH input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com