Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 86Page - PMC-Sierra, Inc PM5347 Datasheet HTML 87Page - PMC-Sierra, Inc PM5347 Datasheet HTML 88Page - PMC-Sierra, Inc PM5347 Datasheet HTML 89Page - PMC-Sierra, Inc PM5347 Datasheet HTML 90Page - PMC-Sierra, Inc PM5347 Datasheet HTML 91Page - PMC-Sierra, Inc PM5347 Datasheet HTML 92Page - PMC-Sierra, Inc PM5347 Datasheet HTML 93Page - PMC-Sierra, Inc PM5347 Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
74
Address
Register
0x39
RPOP Path BIP-8 MSB
0x3A
RPOP Path FEBE LSB
0x3B
RPOP Path FEBE MSB
0x3C
RPOP Auxiliary RDI
0x3D
RPOP Error Event Control
0x3E-0x3F
RPOP Reserved
0x40
TPOP Control/Diagnostic
0x41
TPOP Pointer Control
0x42
TPOP Reserved
0x43
TPOP Current Pointer LSB
0x44
TPOP Current Pointer MSB
0x45
TPOP Arbitrary Pointer LSB
0x46
TPOP Arbitrary Pointer MSB
0x47
TPOP Path Trace
0x48
TPOP Path Signal Label
0x49
TPOP Path Status
0x4A
TPOP Path User Channel
0x4B
TPOP Path Growth #1 (Z3)
0x4C
TPOP Path Growth #2 (Z4)
0x4D
TPOP Path Growth #3 (Z5)
0x4E-0x4F
TPOP Reserved
0x50
RACP Control
0x51
RACP Interrupt Status
0x52
RACP Interrupt Enable/Control
0x53
RACP Match Header Pattern
0x54
RACP Match Header Mask
0x55
RACP Correctable HCS Error Count (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com