Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 59Page - PMC-Sierra, Inc PM5347 Datasheet HTML 60Page - PMC-Sierra, Inc PM5347 Datasheet HTML 61Page - PMC-Sierra, Inc PM5347 Datasheet HTML 62Page - PMC-Sierra, Inc PM5347 Datasheet HTML 63Page - PMC-Sierra, Inc PM5347 Datasheet HTML 64Page - PMC-Sierra, Inc PM5347 Datasheet HTML 65Page - PMC-Sierra, Inc PM5347 Datasheet HTML 66Page - PMC-Sierra, Inc PM5347 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
47
successive frames have been received, where no three consecutive frames
contain identical K1 bytes. The protection switching byte failure alarm is removed
upon detection of three consecutive frames containing identical K1 bytes. The
detection of invalid APS codes is done in software by polling the S/UNI-PLUS
Receive K1 Register and the S/UNI-PLUS Receive K2 Register.
Error Monitor
The Error Monitor Block calculates the received line BIP-8/24 error detection
code (B2) based on the line overhead and synchronous payload envelope of the
receive stream. The line BIP code is a bit interleaved parity calculation using
even parity. Details are provided in the references. The calculated BIP code is
compared with the BIP code extracted from the B2 bytes of the following frame.
Any differences indicate that a line layer bit error has occurred. Up to 192000 (24
x 8000) bit errors can be detected per second.
The Error Monitor Block accumulates these line layer bit errors in a 20 bit
saturating counter that can be read via the microprocessor interface. During a
read, the counter value is latched and the counter is reset to 0 (or 1, if there is an
outstanding event). Note, this counter should be polled at least once per second
to avoid saturation which in turn may result in missed bit error events.
The Error Monitor Block also accumulates line far end block error indications
(contained in the M0 or M1 byte) in a similar manner.
9.5
Transport Overhead Extract Port
The Transport Overhead Extract Port extracts the entire receive transport
overhead on RTOH for optional external TOH processing. RTOHFP is provided
to identify the most significant bit of the A1 framing byte on RTOH. The transport
overhead clock, RTOHCLK is nominally a 5.184 MHz (STS-3c/STM-1 mode) or a
1.728 MHz (STS-1 mode) clock. RTOH and RTOHFP are updated on the falling
edge of RTOHCLK.
9.6
Receive Path Overhead Processor
The Receive Path Overhead Processor (RPOP) provides pointer interpretation,
extraction of path overhead, extraction of the synchronous payload envelope,
and path level alarm indication and performance monitoring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com