Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 102 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 102 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 98Page - PMC-Sierra, Inc PM5347 Datasheet HTML 99Page - PMC-Sierra, Inc PM5347 Datasheet HTML 100Page - PMC-Sierra, Inc PM5347 Datasheet HTML 101Page - PMC-Sierra, Inc PM5347 Datasheet HTML 102Page - PMC-Sierra, Inc PM5347 Datasheet HTML 103Page - PMC-Sierra, Inc PM5347 Datasheet HTML 104Page - PMC-Sierra, Inc PM5347 Datasheet HTML 105Page - PMC-Sierra, Inc PM5347 Datasheet HTML 106Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
86
Register 0x04: S/UNI-PLUS Master Auto Alarm/Monitor
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
RFCLKA
X
Bit 5
R
TFCLKA
X
Bit 4
R
RRCLKA
X
Bit 3
R
TRCLKA
X
Bit 2
R/W
AUTOFEBE
1
Bit 1
R/W
AUTOLRDI
1
Bit 0
R/W
AUTOPRDI
1
AUTOPRDI
The AUTOPRDI bit determines whether the path remote defect indication is
sent immediately upon detection of an incoming alarm. When AUTOPRDI is
a logic one, the path remote defect indication is inserted immediately upon
declaration of loss of signal (LOS), loss of frame (LOF), line AIS (LAIS), loss
of pointer (LOP), or STS path AIS (PAIS).
AUTOLRDI
The AUTOLRDI bit determines whether line remote defect indication (LRDI) is
sent immediately upon detection of an incoming alarm. When AUTOLRDI is a
logic one, line RDI is inserted immediately upon declaration of loss of signal
(LOS), loss of frame (LOF), or line AIS (LAIS).
AUTOFEBE
The AUTOFEBE bit determines whether line and path far end block errors are
sent upon detection of an incoming line and path BIP error events. When
AUTOFEBE is a logic one, one line or path FEBE is inserted for each line or
path BIP error event. When AUTOFEBE is a logic zero, incoming line or path
BIP error events do not generate FEBE events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com