Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 3Page - STMicroelectronics VIPER35 Datasheet HTML 4Page - STMicroelectronics VIPER35 Datasheet HTML 5Page - STMicroelectronics VIPER35 Datasheet HTML 6Page - STMicroelectronics VIPER35 Datasheet HTML 7Page - STMicroelectronics VIPER35 Datasheet HTML 8Page - STMicroelectronics VIPER35 Datasheet HTML 9Page - STMicroelectronics VIPER35 Datasheet HTML 10Page - STMicroelectronics VIPER35 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
DocID026980 Rev 4
7/44
VIPer35
Pin settings
44
3
Pin settings
Figure 3. Connection diagram
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
Table 2. Pin description
SO16N
SDIP10
Name
Function
1, 2
1
GND
Device ground and source of the power MOSFET.
3
-
N.C.
Not internally connected. It can be connected to GND.
4-
N.A.
Not available for user. This pin is mechanically connected to the controller die pad of
the frame. In order to improve the noise immunity it should be connected to GND
(pin 1, 2).
5
2
VDD
Supply voltage of the control section. This pin provides the charging current of the
external capacitor during the power-up.
63
ZCD
Multifunction pin:
1. Zero-current detection for quasi-resonant operations.
2. Drain current limit (IDlim) setup for overcurrent protection (RLIM).
3. Feed-forward compensation (RFF) setup.
4. Output overvoltage protection (resistor divider ROVP / RLIM) setup.
74
FB
Control input for duty cycle control. Internal current generator provides bias current
for loop regulation. A voltage below the threshold VFBbm activates the burst-mode
operation. A level close to the threshold VFBlin means that the cycle-by-cycle
overcurrent set-point is close.
85
BR
Brown-out protection input with hysteresis. A voltage below the threshold VBRth
shuts down (not latch) the device and lowers the power consumption. The device
operation restarts as the voltage exceeds the threshold VBRth + VBRhyst. It must be
connected to ground when it is not used.
9 to 12
-
N.C.
Not internally connected. These pins must be left floating in order to get a safe
clearance distance.
13 to 16
6 to 10
DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias current is
drawn from this pin. Pins connected to the metal frame facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com