Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 25 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 21Page - STMicroelectronics VIPER35 Datasheet HTML 22Page - STMicroelectronics VIPER35 Datasheet HTML 23Page - STMicroelectronics VIPER35 Datasheet HTML 24Page - STMicroelectronics VIPER35 Datasheet HTML 25Page - STMicroelectronics VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DocID026980 Rev 4
25/44
VIPer35
Operation description
44
Figure 33. Zero-current detection circuit
8.7
Frequency foldback function and valley-skipping mode
The switching frequency, in quasi-resonant mode, is not fixed and it depends on both the
load and the converter input voltage. The switching frequency increases when the load
decreases, or when the mains voltage increases, and vice versa. To avoid that, the
VIPER35 taps the maximum switching frequency of the application thanks to its control
logic.
The frequency limit is given by an internal oscillator switching at 136 kHz for the VIPER35L
or at 225 kHz for the VIPER35H, (see parameter FOSClim in Table 7). This oscillator is
synchronized with the power MOSFET turn-on. When the power MOSFET is off, if the first
negative-going edge voltage of the ZCD pin, resulting from transformer demagnetization,
appears after at least one oscillator cycle has been completed, the MOSFET turns on and
the oscillator is synchronized again.
Otherwise, if the first negative-going edge voltage appears before completing one oscillator
cycle, the signal is ignored. Due to the ringing of the drain voltage, the ZCD pin experiences
another positive-going edge voltage that arms the circuit and a negative-going edge voltage.
Again, if this appears before the oscillator cycle is completed, it is ignored, otherwise the
MOSFET turns on and the oscillator is synchronized. In this manner, one or more drain
ringing cycles are skipped (Figure 34 shows the so called “valley-skipping mode”) and the
switching frequency doesn’t exceed FOSClim limit.
Figure 34. Drain ringing cycle skipping as the load progressively reduces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com