Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 42 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 36Page - STMicroelectronics VIPER35 Datasheet HTML 37Page - STMicroelectronics VIPER35 Datasheet HTML 38Page - STMicroelectronics VIPER35 Datasheet HTML 39Page - STMicroelectronics VIPER35 Datasheet HTML 40Page - STMicroelectronics VIPER35 Datasheet HTML 41Page - STMicroelectronics VIPER35 Datasheet HTML 42Page - STMicroelectronics VIPER35 Datasheet HTML 43Page - STMicroelectronics VIPER35 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Ordering information
VIPer35
42/44
DocID026980 Rev 4
10
Ordering information
Table 13. Order codes
Order code
FOsclim
RDS(on)
Peak drain
current
Package
VIPER35LD
136 kHz
4.5
Ω
1 A
SO16N
(tube)
VIPE35LDTR
SO16N
(tape and reel)
VIPER35LE
SDIP10
(tube)
VIPER35HD
225 kHz
SO16N
(tube)
VIPER35HDTR
SO16N
(tape and reel)
VIPER35HE
SDIP10
(tube)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com