Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 16Page - STMicroelectronics VIPER35 Datasheet HTML 17Page - STMicroelectronics VIPER35 Datasheet HTML 18Page - STMicroelectronics VIPER35 Datasheet HTML 19Page - STMicroelectronics VIPER35 Datasheet HTML 20Page - STMicroelectronics VIPER35 Datasheet HTML 21Page - STMicroelectronics VIPER35 Datasheet HTML 22Page - STMicroelectronics VIPER35 Datasheet HTML 23Page - STMicroelectronics VIPER35 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Operation description
VIPer35
20/44
DocID026980 Rev 4
The following formula can be used to calculate CVDD capacitor:
Equation 1
tSSaux is the time needed for the steady-state of the auxiliary voltage. It represents an
estimate of the user's application according to the output stage configurations (transformer,
output capacitances, etc.).
During the normal operation, the power MOSFET switches on after the transformer
demagnetization, detected through the voltage VZCD sensed on ZCD pin.
At power-up, the initial output voltage is zero and the voltage VZCD is not so high to correctly
arm the internal ZCD circuit. In this case, the power MOSFET turns on with the fixed
frequency FSTARTER, reported in Table 7. After the start-up, as soon as the voltage on ZCD
logic is enabled to work, the turn-on of the power MOSFET is driven by this circuit and it is
not related to the internal oscillator (except for the frequency foldback function) any longer.
The start-up phase is managed by a dedicated internal logic and is activated by every
attempt of the start-up converter or after a fault.
An internal clock counter defines the start-up time, tSU, since during quasi-resonant
operation, the switching frequency and the duration of the start-up time depend on the load,
tSU range is indicated in Table 7. At the beginning of the start-up time, the drain current
limitation progressively rises to the maximum value. In this way a soft-start occurs and the
stress on the secondary diode is considerably reduced. It also prevents transformer
saturation.
The soft-start time lasts 3.5 ms (VIPER35L) or 4.2 ms (VIPER35H), (see tSS in Table 7).
At the start-up, until the output voltage reaches its regulated value, the feedback loop is
open and an improper activation of the overload protection could occur. In order to avoid
this, OLP logic is disabled and it is active at the end of the start-up phase, t > tSU. Figure 29
and Figure 30 show two possible start-up cases.
As soon as the output voltage reaches the regulated value, the regulation loop takes over
and the drain current is regulated below its limit, IDlim, by the feedback voltage, which is at a
value lower than the VFBlin threshold.
C
VDD
I
DDch
t
SSaux
×
V
DDon
V
DDoff
–
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com