Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 25Page - STMicroelectronics VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics VIPER35 Datasheet HTML 31Page - STMicroelectronics VIPER35 Datasheet HTML 32Page - STMicroelectronics VIPER35 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
DocID026980 Rev 4
29/44
VIPer35
Operation description
44
Equation 4
where:
VZCD1 and VZCD2 are ZCD pin voltages when the sunk current is IZCD1 and IZCD2
respectively, see Figure 14.
Figure 37. ZCD pin typical external configuration
8.11
Overvoltage protection (OVP)
The device has integrated the logic to monitor the output voltage using as input signal, the
voltage VZCD during the off-time of the power MOSFET. This is the time when the voltage
from the auxiliary winding tracks the output voltage, through the turn ratio NAUX / NSEC.
ZCD pin has to be connected to the auxiliary winding through the diode DOVP and the
resistors ROVP and RLIM as shown in Figure 37. When, during the off-time, the voltage VZCD
exceeds, four consecutive times, the reference voltage VOVP (reported in Table 8), the
overvoltage protection stops the power MOSFET and the converter enters auto-restart
mode.
In order to bypass the noise after the turn-off of the power MOSFET, VZCD voltage is
sampled inside a short window after the time tSTROBE, see Table 7 and Figure 38. The
sampled signal, if higher than VOVP, triggers the internal OVP digital signal and increments
the internal counter. The same counter is reset every time the signal OVP is not triggered in
one oscillator cycle.
Referring to Figure 37, the resistor divider ratio kOVP is given by below equations:
R
LIM
Max
V
ZCD1
I
ZCD1
V
in_min
N
AUX
------------------
V
ZCD1
+
R
FF
------------------------------------------
–
----------------------------------------------------------------
V
ZCD2
I
ZCD2
V
in_Max
N
AUX
--------------------
V
ZCD2
+
R
FF
--------------------------------------------
–
-----------------------------------------------------------------
,









=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com