Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 26 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 22Page - STMicroelectronics VIPER35 Datasheet HTML 23Page - STMicroelectronics VIPER35 Datasheet HTML 24Page - STMicroelectronics VIPER35 Datasheet HTML 25Page - STMicroelectronics VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Operation description
VIPer35
26/44
DocID026980 Rev 4
When the system operates in valley-skipping mode, uneven switching cycles may be
observed under some line/load conditions, due to the fact that the off-time of the power
MOSFET changes its discrete steps one ringing cycle, while the off-time needed for cycle-
by-cycle energy balance could fall in between. Therefore one or even longer switching
cycles are compensated by one or more shorter cycles and vice versa. This mechanism is
natural and any effect on the converter performance and on its output voltage appears.
This operation does not consider the blanking time tBLANK after power MOSFET turn-off.
Actually tBLANK is not taken into account as long as the following condition is met:
Equation 2
where D is the MOSFET duty cycle. If this condition is not met, the time during which
MOSFET turn-on is inhibited is extended beyond tOSClim by a fraction of tBLANK. As a
consequence, the maximum switching frequency is a little bit lower than the internal limit set
by the oscillator and valley-skipping mode takes place slightly earlier than expected.
8.8
Blanking time
The blanking time, tBLANK, can have two different values: the lower one is 2.5 seconds
(typical value) and the higher one is 6.3 seconds (typical value). The value is linked to the
voltage VZCD, sampled during the time tSTROBE. The time tBLANK has the lower value if VZCD
> 1 V or it has the higher value if VZCD < 1 V, refer to Table 7 and Figure 35.
The higher value of the blanking time is active during the start-up phase or in case of output
short-circuit, when the output voltage of the converter is quite lower than the regulated
value. In this condition, during the demagnetization of the transformer, VZCD can be very
close to the arming and triggering thresholds (VZCDAth and VZCDTth) and ZCD circuit can be
erroneously trigged, leading the system to work with higher frequency and in continuous
mode. This false trigger is inhibited by the selection of tBLANK higher value when VZCD is
lower than 1 V.
During the normal operation, in steady-state condition, the voltage VZCD during the
demagnetization is higher than 1 V and the selected tBLANK value is the lower one.
Figure 35 shows the typical waveforms during the power-up and the linked tBLANK selection.
D1
t
BLANK
t
osclim
------------------
1t
BLANK
F
osclim
⋅
–
=
–
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com