Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics VIPER35 Datasheet HTML 31Page - STMicroelectronics VIPER35 Datasheet HTML 32Page - STMicroelectronics VIPER35 Datasheet HTML 33Page - STMicroelectronics VIPER35 Datasheet HTML 34Page - STMicroelectronics VIPER35 Datasheet HTML 35Page - STMicroelectronics VIPER35 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Operation description
VIPer35
32/44
DocID026980 Rev 4
8.13
Feedback and overload protection (OLP)
The feedback pin (FB) controls the PWM operation, enters the burst mode and manages the
delayed overload protection.
VFBbm and VFBlin thresholds (Table 7) are respectively low and high limit of PWM
operations, where the drain current is sensed by the integrated resistor, RSENSE, and
applied to the comparator PWM. The PWM logic turns off the power MOSFET as soon as
the sensed voltage is equal to the voltage applied to FB pin and through the integrated
resistor network (see Figure 2 and Figure 23).
IC block diagram (Figure 2) shows in parallel with the PWM comparator how OCP
comparator limits the drain current to IDlim value, as per Table 7.
In case of higher load, the voltage VFB increases, when it reaches VFBlin threshold, the drain
current is limited to IDlim by OCP comparator and the internal current starts the charge of
CFB capacitor. As soon as the voltage VFB reaches the threshold VFBolp, see Figure 41, the
protection turns off the IC. The auto-restart mode is active using the low value of the current
IDDch, see Table 7.
The time, from the high load detection, VFB = VFBlin, to the overload turn-off, VFB = VFBolp,
depends on the value of CFB capacitor and on the internal charge current, IFB. OLP delay
time can be calculated as follows:
Equation 8
The current, IFB, is 3 A as minimum value. Components, connected to FB pin, belong to the
compensation loop, so they have to be selected taking into account the proper delay and
loop stability. Figure 39 and Figure 40 show two different feedback networks.
Table 10. ZCD pin configurations
IDlim
OVP
FF
RLim
ROVP
RFF
DOVP
■□
□
Equation 4
Equation 7 with
VOUTOVP ˃ 2 VOUT
˗
Yes
□■
□
22 k
Ω
Equation 7
˗
Yes
□□
■
22 k
Ω
Equation 7 with
VOUTOVP˃2 VOUT
Equation 3
Yes
■■
□
Equation 4
with RFF= ∞
Equation 7
˗
Yes
□■
■
22 k
Ω
Equation 7
Equation 3
Yes
■□
■
Equation 4
Equation 7 with
VOUTOVP ˃2 VOUT
Equation 3
Yes
■
■■
Equation 4
Equation 7
Equation 3
Yes
T
OLP_delay
C
FB
V
FBolp
V
FBlin
–
I
FB
----------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com