Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics VIPER35 Datasheet HTML 31Page - STMicroelectronics VIPER35 Datasheet HTML 32Page - STMicroelectronics VIPER35 Datasheet HTML 33Page - STMicroelectronics VIPER35 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Operation description
VIPer35
30/44
DocID026980 Rev 4
Equation 5
Equation 6
where:
•
VOVP is the OVP threshold (see Table 7)
•
VOUTOVP is the converter output voltage value to activate the OVP (set by design)
•
NAUX is the auxiliary winding turn
•
NSEC is the secondary winding turn
•
VDSEC is the secondary diode forward voltage
•
VDAUX is the auxiliary diode forward voltage
•
ROVP and RLIM make the output voltage divider
By fixing RLIM, according to the desired IDlim, ROVP can be calculated as follows:
Equation 7
The resistor values let the current sourced and sunk by the ZCD pin be within the rated
capability of the internal clamp.
K
OVP
V
OVP
N
AUX
N
SEC
--------------
V
OUTOVP
V
DSEC
+
() V
DAUX
–
⋅
---------------------------------------------------------------------------------------------------
=
K
OVP
R
LIM
R
LIM
R
OVP
+
----------------------------------
=
R
OVP
R
LIM
1K
OVP
–
K
OVP
------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com