Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER35 Datasheet HTML 1Page - STMicroelectronics VIPER35 Datasheet HTML 2Page - STMicroelectronics VIPER35 Datasheet HTML 3Page - STMicroelectronics VIPER35 Datasheet HTML 4Page - STMicroelectronics VIPER35 Datasheet HTML 5Page - STMicroelectronics VIPER35 Datasheet HTML 6Page - STMicroelectronics VIPER35 Datasheet HTML 7Page - STMicroelectronics VIPER35 Datasheet HTML 8Page - STMicroelectronics VIPER35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
February 2016
DocID026980 Rev 4
1/44
VIPer35
Quasi-resonant high performance off line high voltage converter
Datasheet
- production data
Figure 1. Basic application schematic
Features
• 800 V avalanche-rugged power MOSFET
allowing ultra wide range input VAC to be
achieved
• Embedded HV start-up and senseFET
• Built-in soft-start
• Quasi-resonant current mode PWM controller
with drain current limit (IDlim)
• Multifunction ZCD pin:
– Zero-current detection
– OCP threshold (IDlim) setup
– Output OVP (auto-restart)
– Feed-forward compensation
• Support isolated flyback topology with opto-
coupler
• Frequency limit:
– 136 kHz (L type), 225 kHz (H type)
• Less than 30 mW @ 230 VAC in no-load
condition
• Brown-out set through resistor divider
• Short-circuit protection (auto-restart)
• Hysteretic thermal shutdown
Applications
• Auxiliary power supply
• Adapter/charger for PDA, camcorders,
shavers, tablet, video games, STB
• Supplies for industrial systems, metering,
appliances
Description
The device is a high voltage converter, which
smartly integrates an 800 V rugged power
MOSFET with a quasi-resonant current mode
PWM control. This IC meets severe energy
saving standards as it has very low consumption
and operates in burst mode under light load
conditions.
The device features the brown-out enabling the
IC to set the switch-off and switch-on threshold
independently one of each other. The quasi-
resonant operation reduces the level of EMI and
the quantity of components in the application.
The quasi-resonant operation reduces the
switching losses and improves power conversion
efficiency. The device features high level
protections such as: output overvoltage, short-
circuit and thermal shutdown with hysteresis.
After the removal of a fault condition, the IC is
automatically restarted.
www.st.com


Similar Part No. - VIPER35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317LDTR STMICROELECTRONICS-VIPER317LDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results

Similar Description - VIPER35

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
Off Line High Voltage Quasi Resonant Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com