Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 14Page - STMicroelectronics VIPER35 Datasheet HTML 15Page - STMicroelectronics VIPER35 Datasheet HTML 16Page - STMicroelectronics VIPER35 Datasheet HTML 17Page - STMicroelectronics VIPER35 Datasheet HTML 18Page - STMicroelectronics VIPER35 Datasheet HTML 19Page - STMicroelectronics VIPER35 Datasheet HTML 20Page - STMicroelectronics VIPER35 Datasheet HTML 21Page - STMicroelectronics VIPER35 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Efficiency performance for a typical flyback converter
VIPer35
18/44
DocID026980 Rev 4
7
Efficiency performance for a typical flyback
converter
The efficiency of the converter has been measured in different load and line voltage
conditions. In accordance with the Energy Star average active mode testing efficiency
method, the efficiency measurements have been performed at 25%, 50% and 75% and
100% of the rated output power, both at 115 VAC and 230 VAC.
Table 8. Power supply efficiency, VOUT = 12 V, VIN = 115 VAC
%load
IOUT [A]
VOUT [V]
POUT [W]
PIN[W]
Efficiency [%]
25%
0.31
12.1
3.78
4.53
83.47
50%
0.63
12.1
7.56
8.98
84.21
75%
0.94
12.1
11.34
13.4
84.65
100%
1.25
12.1
15.12
17.93
84.36
Average efficiency
84.17
Table 9. Power supply efficiency, VOUT = 12 V, VIN = 230 VAC
%load
IOUT [A]
VOUT [V]
POUT [W]
PIN[W]
Efficiency [%]
25%
0.31
12.1
3.78
4.71
80.28
50%
0.63
12.1
7.56
9.22
82.02
75%
0.94
12.1
11.34
13.53
83.84
100%
1.25
12.1
15.12
17.77
85.12
Average efficiency
82.82
Figure 25. Power supply consumption at light
output loads, VOUT = 12 V
Figure 26. Power supply consumption at no
output load, VOUT = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com