Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 15Page - STMicroelectronics VIPER35 Datasheet HTML 16Page - STMicroelectronics VIPER35 Datasheet HTML 17Page - STMicroelectronics VIPER35 Datasheet HTML 18Page - STMicroelectronics VIPER35 Datasheet HTML 19Page - STMicroelectronics VIPER35 Datasheet HTML 20Page - STMicroelectronics VIPER35 Datasheet HTML 21Page - STMicroelectronics VIPER35 Datasheet HTML 22Page - STMicroelectronics VIPER35 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
DocID026980 Rev 4
19/44
VIPer35
Operation description
44
8
Operation description
The device is a high performance low voltage PWM controller chip with an 800 V,
avalanche-rugged power section.
The controller includes the PWM logic, ZCD logic for quasi-resonant operation, oscillator,
start-up circuit with soft-start, current limiting circuit with adjustable set-point, burst mode
management, brown-out circuit, UVLO circuit, auto-restart circuit and thermal protection
circuit.
The current limit set-point can be reduced by ZCD pin. Burst mode operation guarantees
high performance in standby mode and meets energy-saving standards.
All fault protections are built-in auto-restart mode with very low repetition rate to prevent the
IC overheating.
8.1
Power section and gate driver
The power section is given by an avalanche-rugged N-channel MOSFET, which guarantees
safe operation within the specified energy rating as well as high dv/dt capability. The power
MOSFET has a BVDSS of 800 V min. and a typical RDS(on) of 4.5 Ω at 25 °C. The integrated
senseFET structure allows a virtual loss-less current sensing.
The gate driver is designed to supply a controlled gate current during both turn-on and turn-
off in order to minimize common-mode EMI. Under UVLO conditions an internal pull-down
circuit holds the gate low in order to ensure that the power section cannot be turned on
accidentally.
8.2
High voltage start-up generator
The HV current generator is supplied through the DRAIN pin and it is enabled only if the
input bulk capacitor voltage is higher than VDRAIN_START threshold, 80 V DC typically.
When HV current generator is on, IDDch1 current (3 mA typical value) is delivered to the
capacitor on VDD pin. During auto-restart mode after a fault event, the current is reduced to
IDDch2 (0.6 mA, typ.) in order to have a slow duty cycle during the restart phase.
8.3
Power-up and soft-start
When the input voltage reaches the device start threshold, VDRAIN_START, the VDD voltage
begins growing due to IDDch1 current (see Table 7) coming from the internal high voltage
start-up circuit. If the VDD voltage reaches VDDon threshold, the power MOSFET starts
switching and the HV current generator turns off.
The IC is powered by the energy stored in the capacitor on VDD pin, CVDD, until the self-
supply circuit (typically an auxiliary winding of the transformer and a steering diode)
develops a voltage so high to sustain the operation.
CVDD capacitor must be correctly sized to avoid fast discharge and keep the required
voltage higher than VDDoff threshold. In fact, an insufficient capacitance value could
terminate the switching operation before the controller receives any energy from the
auxiliary winding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com