Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 6Page - STMicroelectronics VIPER35 Datasheet HTML 7Page - STMicroelectronics VIPER35 Datasheet HTML 8Page - STMicroelectronics VIPER35 Datasheet HTML 9Page - STMicroelectronics VIPER35 Datasheet HTML 10Page - STMicroelectronics VIPER35 Datasheet HTML 11Page - STMicroelectronics VIPER35 Datasheet HTML 12Page - STMicroelectronics VIPER35 Datasheet HTML 13Page - STMicroelectronics VIPER35 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Electrical ratings
VIPer35
10/44
DocID026980 Rev 4
TJ = -40 to 125 °C (unless otherwise specified)
Current
IDD0
Operating supply
current, not switching
VFB = GND
VBR = GND
VDD = 10 V
(1)
0.6
0.7
mA
IDD1
Operating supply
current switching
VDRAIN = 120 V
VDD = 16 V
ZCD switching @100 kHz
Resistive load:100
Ω
VFB = 2.5 V
23
mA
IDD_FAULT
Operating supply
current with
protection tripping
VDD = 10 V
400
uA
IDDoff
Operating supply
current
VDD < VDDoff
270
uA
1.
Adjust VDD above VDDon start-up threshold before setting 10 V.
Table 6. Supply section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 7. Controller section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Feedback pin
VFBolp
Overload shutdown
threshold
4.5
4.8
5.2
V
VFBlin
Linear dynamics
upper limit
3.1
3.3
3.5
V
VFBbm
Burst mode
threshold
Voltage falling
0.56
0.6
0.64
V
VFBbmhys
Burst mode
hysteresis
Voltage rising
100
mV
IFB
Feedback sourced
current
VFB = 0.3 V
-150
-215
-280
µA
3.3 V < VFB < 4 V
-2.5
-3
-3.5
µA
RFB(DYN)
Dynamic resistance
VFB > 2.5 V12
25
k
Ω
HFB
ΔVFB / ΔID
0.5
2
V/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com