Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 5Page - STMicroelectronics VIPER35 Datasheet HTML 6Page - STMicroelectronics VIPER35 Datasheet HTML 7Page - STMicroelectronics VIPER35 Datasheet HTML 8Page - STMicroelectronics VIPER35 Datasheet HTML 9Page - STMicroelectronics VIPER35 Datasheet HTML 10Page - STMicroelectronics VIPER35 Datasheet HTML 11Page - STMicroelectronics VIPER35 Datasheet HTML 12Page - STMicroelectronics VIPER35 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
DocID026980 Rev 4
9/44
VIPer35
Electrical ratings
44
TJ = -40 to 125 °C, VDD = 14 V
(a) (unless otherwise specified)
TJ = -40 to 125 °C (unless otherwise specified)
a.
Adjust VDD above VDDon start-up threshold before setting 14 V.
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBVDSS
Breakdown voltage
IDRAIN = 1 mA, VFB = GND
TJ = 25 °C
800
V
IOFF
Off-state drain
current
VDRAIN = 800 V
VFB = GND, TJ = 25 °C
60
uA
RDS(on)
Drain-source on-
state resistance
IDRAIN = 0.4 A, VFB = 3 V
VBR = GND, TJ = 25 °C
4.5
Ω
IDRAIN = 0.4 A, VFB = 3 V
VBR = GND, TJ = 125 °C
9
Ω
COSS
Effective (energy
related) output
capacitance
VDRAIN = 0 to 640 V
17
pF
Table 6. Supply section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Voltage
VDRAIN_START
Drain-source start
voltage
60
80
100
V
IDDch1
Start-up charging
current (power-up)
VDRAIN = 120 V
VBR = GND
VFB = GND
VDD = 4 V
-2
-3
-4
mA
IDDch2
Start-up charging
current (auto-restart)
VDRAIN = 120 V
VBR = GND
VFB = GND
VDD = 5 V, after fault
-0.4
-0.6
-0.8
mA
VDD
Operating voltage
range
After turn-on
8.5
23.5
V
VDDclamp
Clamp voltage
IDD = 20 mA
23.5
V
VDDon
VDD start-up
threshold
VDRAIN = 120 V
VBR = GND
VFB = GND
13
14
15
V
VDDoff
VDD undervoltage
shutdown threshold
7.5
8
8.5
V
VDD(RESTART)
VDD restart voltage
threshold
44.5
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com