Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics VIPER35 Datasheet HTML 31Page - STMicroelectronics VIPER35 Datasheet HTML 32Page - STMicroelectronics VIPER35 Datasheet HTML 33Page - STMicroelectronics VIPER35 Datasheet HTML 34Page - STMicroelectronics VIPER35 Datasheet HTML 35Page - STMicroelectronics VIPER35 Datasheet HTML 36Page - STMicroelectronics VIPER35 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
DocID026980 Rev 4
33/44
VIPer35
Operation description
44
In Figure 39 CFB capacitor, connected to FB pin, is used as part of the circuit to compensate
the feedback loop but it is also an element to delay OLP shutdown owing to the time needed
to charge the capacitor (see Equation 8).
After the start-up time, tSU, during which the feedback voltage is fixed at VFBlin, the output
capacitor could not be at its nominal value and the controller detects this situation as an
overload condition. In this case, OLP delay avoids the wrong device shutdown during the
start-up.
Owing to the above considerations, OLP delay time must last to bypass the initial output
voltage transient and check the overload condition only when the output voltage is in
steady-state. The output transient time depends on the value of the output capacitor and on
the load.
When CFB capacitor value is too low and cannot ensure the OLP delay, an alternative
compensation network can be used as showed in Figure 40. Two poles (fPFB, fPFB1) and
one zero (fZFB) are introduced by CFB and CFB1 capacitors and RFB1 resistor.
The capacitor CFB introduces a pole (fPFB) at higher frequency than fZB and fPFB1. This pole
compensates zero frequency due to ESR (equivalent series resistor) of the output
capacitance of the flyback converter.
By taking into account the scheme in Figure 40, these poles and zero frequency are
reported as follows:
Equation 9
Equation 10
Equation 11
RFB(DYN) is the dynamic resistance seen by FB pin and reported in Table 7.
CFB1 capacitor fixes the OLP delay and usually it is much higher than CFB. Equation 8
calculates the OLP delay time but CFB1 has to be considered. Using the alternative
compensation network, the designer can satisfy the loop stability and OLP delay time.
f
ZFB
1
2
π C
FB
R
FB
⋅⋅
⋅
-----------------------------------------
=
f
PFB
R
FB DYN
()
R
FB1
+
2
π C
FB
R
FB DYN
() RFB1
⋅
()
⋅⋅
⋅
-------------------------------------------------------------------------------
=
f
PFB1
1
2
π C
FB1
R
FB1
R
FB DYN
()
+
()
⋅⋅
⋅
------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com