Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 8Page - STMicroelectronics VIPER35 Datasheet HTML 9Page - STMicroelectronics VIPER35 Datasheet HTML 10Page - STMicroelectronics VIPER35 Datasheet HTML 11Page - STMicroelectronics VIPER35 Datasheet HTML 12Page - STMicroelectronics VIPER35 Datasheet HTML 13Page - STMicroelectronics VIPER35 Datasheet HTML 14Page - STMicroelectronics VIPER35 Datasheet HTML 15Page - STMicroelectronics VIPER35 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Electrical ratings
VIPer35
12/44
DocID026980 Rev 4
Overvoltage protection
VOVP
Overvoltage
threshold
3.8
4.2
4.6
V
tSTROBE
Strobe time
2.2
µs
Oscillator section
FOSClim
Internal frequency
limit
VIPER35L
122
136
150
kHz
VIPER35H
200
225
250
kHz
FSTARTER
Starter frequency
VFB = 1 V
VZCD < VZCDTth
t < tSU
1/4
FOSClim
kHz
VFB =1 V
VZCD < VZCDTth
t > tSU
1/8
FOSClim
kHz
Brown-out protection
VBRth
Brown-out threshold
Voltage falling
0.41
0.45
0.49
A
VBRHyst
Voltage hysteresis
above VBRth
40
50
60
mV
IBRHyst
Current hysteresis
7
12
µA
VBRclamp
Clamp voltage
IBR = 250 µA
3
V
VDIS
Brown-out disable
voltage
50
150
mV
Thermal shutdown
TSD
Thermal shutdown
temperature
(1)
150
160
°C
THYST
Thermal shutdown
hysteresis
(1)
30
°C
1.
Specification assured by design, characterization and statistical correlation.
Table 7. Controller section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com