Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 4Page - STMicroelectronics VIPER35 Datasheet HTML 5Page - STMicroelectronics VIPER35 Datasheet HTML 6Page - STMicroelectronics VIPER35 Datasheet HTML 7Page - STMicroelectronics VIPER35 Datasheet HTML 8Page - STMicroelectronics VIPER35 Datasheet HTML 9Page - STMicroelectronics VIPER35 Datasheet HTML 10Page - STMicroelectronics VIPER35 Datasheet HTML 11Page - STMicroelectronics VIPER35 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Electrical ratings
VIPer35
8/44
DocID026980 Rev 4
4
Electrical ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min.
Max.
VDRAIN
Drain-to-source (ground) voltage
800
V
EAV
Repetitive avalanche energy (limited by TJ = 150 °C)
5
mJ
IAR
Repetitive avalanche current (limited by TJ = 150 °C)
1.5
A
IDRAIN
Single pulse drain current
3
A
VZCD
Input pin voltage (with IZCD = 1 mA)
-0.3
Self limited
V
VFB
Input pin voltage
-0.3
5.5
V
VBR
Input pin voltage (with IBR = 0.25 mA)
-0.3
Self limited
V
VDD
Supply voltage
-0.3
Self limited
V
IDD
Input current
25
mA
PTOT
Power dissipation at TA < 60 °C
1.5
W
TJ
Operating junction temperature range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
Table 4. Thermal data
Symbol
Parameter
Max. value
Unit
SDIP10
SO16N
RthJP
Thermal resistance junction pin
(dissipated power = 1 W)
35
35
°C/W
RthJA
Thermal resistance junction ambient
(dissipated power = 1 W)
100
110
°C/W
RthJA
Thermal resistance junction ambient (1)
(dissipated power = 1 W)
85
80
°C/W
1.
When mounted on a standard single side FR4 board with 100 mm2 (0.155 sq inch) of Cu (35 µm thick).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com