Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 19Page - STMicroelectronics VIPER35 Datasheet HTML 20Page - STMicroelectronics VIPER35 Datasheet HTML 21Page - STMicroelectronics VIPER35 Datasheet HTML 22Page - STMicroelectronics VIPER35 Datasheet HTML 23Page - STMicroelectronics VIPER35 Datasheet HTML 24Page - STMicroelectronics VIPER35 Datasheet HTML 25Page - STMicroelectronics VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
DocID026980 Rev 4
23/44
VIPer35
Operation description
44
8.4
Power-down description
At converter power-down, the system loses its ability to regulate as soon as the decreasing
input voltage is so low to reach the peak current limitation. VDD voltage drops and when it
falls below VDDoff threshold (see Table 7) the power MOSFET switches off, the energy is
interrupted, VDD voltage decreases, the start-up sequence is inhibited and the power-down
is completed. This feature prevents any restart attempt and ensures a monotonic output
voltage decay during the system power-down.
8.5
Auto-restart description
Every time a protection is tripped, the IC automatically restarts after a duration depending
on the discharge and recharge of CVDD capacitor. As shown in Figure 31, after a fault, the IC
stops and VDD voltage decreases because of IC consumption. As soon as VDD voltage falls
below VDD(RESTART) threshold and if the DC input voltage is higher than VDRAIN_START
threshold, the internal HV current source turns on and it starts to charge CVDD capacitor with
the current IDDch2 (0.6 mA, typ.). As soon as VDD voltage reaches VDD(ON) threshold, the IC
restarts.
Figure 31. Timing diagram: behavior after short-circuit
8.6
Quasi-resonant operation (QR)
The control core of the VIPER35 is a current mode PWM controller with a zero-current
detect circuit designed for quasi-resonant (QR) operation, a technique whose benefits are:
minimum turn-on losses, low EMI emission and safe behavior in case of short-circuit. At
heavy load the converter operates in quasi-resonant mode; operation synchronizes
MOSFET turn-on to the transformer demagnetization by detecting the resulting negative-
going edge of the voltage across any winding of the transformer. The system works close to
the boundary between discontinuous (DCM) and continuous conduction (CCM) of the
transformer and as a result, the switching frequency is different according to different
line/load conditions. See the hyperbolic-like portion reported in Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com