Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 27 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 23Page - STMicroelectronics VIPER35 Datasheet HTML 24Page - STMicroelectronics VIPER35 Datasheet HTML 25Page - STMicroelectronics VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics VIPER35 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
DocID026980 Rev 4
27/44
VIPer35
Operation description
44
Figure 35. Timing diagram: double blanking time
8.9
Starter
If the amplitude of the voltage on ZCD pin at the end of one oscillator cycle is smaller than
VZCDAth arming threshold, (in this case MOSFET turn-on could not be triggered), the system
stops.
This is what normally happens during the converter power-up or under overload/short-circuit
conditions.
During the converter start-up phase, the voltage on ZCD pin is not so high to arm the
triggering circuit. Thus, the converter operates at a fixed frequency, FSTARTER, (see
Table 7). As the voltage developed across the auxiliary winding arms the ZCD circuit,
MOSFET turn-on is locked to transformer demagnetization, hence quasi-resonant operation
is set.
8.10
Current limit set-point and feed-forward option
The VIPER35 is a current mode converter and the drain current is limited cycle-by-cycle
according to FB pin voltage value, which is related to the feedback loop response and the
load. When the drain current, sensed by the integrated senseFET, reaches the current
limitation, after the internal propagation delay, the MOSFET switches off. The current
limitation cannot exceed a certain value, IDlim, which can vary according to the current sunk
by ZCD pin during MOSFET on-time.
Usually a resistor, RLIM, connected from ZCD pin to ground fixes this sunk current and then
the peak drain current set-point: the lower the resistor, the lower IDlim.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com