Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 7Page - STMicroelectronics VIPER35 Datasheet HTML 8Page - STMicroelectronics VIPER35 Datasheet HTML 9Page - STMicroelectronics VIPER35 Datasheet HTML 10Page - STMicroelectronics VIPER35 Datasheet HTML 11Page - STMicroelectronics VIPER35 Datasheet HTML 12Page - STMicroelectronics VIPER35 Datasheet HTML 13Page - STMicroelectronics VIPER35 Datasheet HTML 14Page - STMicroelectronics VIPER35 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DocID026980 Rev 4
11/44
VIPer35
Electrical ratings
44
ZCD pin
VZCDCLh
Upper clamp voltage
IZCD = 1 mA
5
5.5
6
V
VZCDAth
Arming voltage
threshold
Positive-going edge
0.75
0.8
0.85
V
VZCDTth
Triggering voltage
threshold
Negative-going edge
0.55
0.6
0.65
V
IZCD
Internal pull-up
VFB < VFBlin
-7.5
-10
-12.5
µA
tDELAY
Turn-on delay after
ZCD trigger
300
ns
tBLANK
Turn-on inhibit time
after MOSFET turn-
off
VZCD < 1 V
6.3
µs
VZCD >1 V
2.5
µs
Current limitation
IDlim
Drain current
limitation
VFB = 4 V
IZCD = -10 µA
TJ = 25 °C
0.9511.05
A
VFB = 4 V
IZCD = - 55 µA
TJ = 25 °C
0.68
0.8
0.92
A
VFB = 4 V
IZCD = - 105 µA
TJ = 25 °C
0.55
0.65
0.75
A
tSS
Soft-start time
VIPER35L
3.5
ms
VIPER35H
4.2
ms
tSU
Start-up time
VIPER35L
7.5
15
ms
VIPER35H
9.5
18
ms
tON_MIN
Minimum turn-on
time
220
400
480
ns
td
Propagation delay
(1)
100
ns
tLEB
Leading edge
blanking
(1)
300
ns
ID_BM
Peak drain current
during burst mode
VFB = 0.6 V
120
170
220
mA
Table 7. Controller section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com