Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 36 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 32Page - STMicroelectronics VIPER35 Datasheet HTML 33Page - STMicroelectronics VIPER35 Datasheet HTML 34Page - STMicroelectronics VIPER35 Datasheet HTML 35Page - STMicroelectronics VIPER35 Datasheet HTML 36Page - STMicroelectronics VIPER35 Datasheet HTML 37Page - STMicroelectronics VIPER35 Datasheet HTML 38Page - STMicroelectronics VIPER35 Datasheet HTML 39Page - STMicroelectronics VIPER35 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Operation description
VIPer35
36/44
DocID026980 Rev 4
Figure 42. Burst mode timing: light load management
8.15
Brown-out
Brown-out protection is a not-latched shutdown function active when a condition of mains
undervoltage is detected. The brown-out comparator is internally referenced to VBRth
threshold (see Figure 10) and disables the PWM if the voltage applied to BR pin is below
this internal reference. Under this condition the power MOSFET turns off.
Until the brown-out condition is present, the VDD voltage continuously oscillates between
the VDDon and the UVLO thresholds, as shown in the timing diagram of Figure 43. A voltage
hysteresis improves the noise immunity.
The switching operation restarts as the voltage on the pin is above the reference plus the
voltage hysteresis. The brown-out comparator is provided with a current hysteresis, IBRhyst.
The designer has to set the rectified input voltage above which the power MOSFET starts
switching after brown-out event, VINon, and below which the power MOSFET switches off,
VINoff. Thanks to the IBRhyst, see Table 7, these two thresholds can be set separately.
When VINon and VINoff levels are fixed, with reference to Figure 43, the following
relationships can be established to calculate RH and RL resistors:
Equation 12
Equation 13
time
time
time
VCOMP
VFBbm
VFBbm +VFBbmhys
IDD1
IDD0
IDD
IDRAIN
ID_BM
Burst mode
GIPG2801151121LM
R
L
V
BRhyst
I
BRhyst
---------------------
–
V
INon
V
INoff
V
BRhyst
–
–
V
INon
V
BRth
–
---------------------------------------------------------------
V
BRth
I
BRhyst
------------------
⋅
+
=
R
H
V
INon
V
INoff
V
BRhyst
–
–
I
BRhyst
---------------------------------------------------------------
R
L
R
L
V
BRhyst
I
BRhyst
---------------------
+
----------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com