Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER35 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 33Page - STMicroelectronics VIPER35 Datasheet HTML 34Page - STMicroelectronics VIPER35 Datasheet HTML 35Page - STMicroelectronics VIPER35 Datasheet HTML 36Page - STMicroelectronics VIPER35 Datasheet HTML 37Page - STMicroelectronics VIPER35 Datasheet HTML 38Page - STMicroelectronics VIPER35 Datasheet HTML 39Page - STMicroelectronics VIPER35 Datasheet HTML 40Page - STMicroelectronics VIPER35 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DocID026980 Rev 4
37/44
VIPer35
Operation description
44
Figure 43. Brown
-out: external setting and timing diagram
VINon must be less than the peak voltage at minimum mains and VINoff voltage has to be
less than the minimum voltage on the input bulk capacitor at minimum mains and maximum
load.
BR pin is a high impedance input connected to high value resistors, thus it is ready to pick
up noise, which might alter the VINoff threshold when the converter operates or causes the
undesired switch-off of the device during ESD tests.
The pin ca be bypassed to ground with a small film capacitor (1-10 nF) to prevent any
malfunctioning.
If the brown-out function is not used, BR pin has to be connected to GND, ensuring that the
voltage is lower than the minimum VDIS threshold (50 mV, see Table 7). In order to enable
the brown-out function, BR pin voltage has to be higher than the maximum VDIS threshold
(150 mV, see Table 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com