Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 125 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 125 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
125
H5GQ2H24AFR
 6. OPERATING CONDITIONS
 6.1. ABSOLUTE MAXIMUM RATINGS
Voltage on Vdd Supply
    Relative to Vss...................................................  ‐0.5V to +2.0V
Voltage on VddQ Supply
    Relative to Vss ..................................................  ‐0.5V to +2.0V
Voltage on Vref and Inputs
    Relative to Vss ..................................................  ‐0.5V to +2.0V
Voltage on I/O Pins
    Relative to Vss ..................................................  ‐0.5V to VddQ +0.5V
Storage Temperature (plastic) ............................  ‐55°C to +150°C
Short Circuit Output Current .............................  50mA
*Stresses greater than those listed may cause permanent damage to the device. This is a stress rating only, and functional operation of 
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. 
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 37  Capacitance
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Delta Input/Output Capacitance: DQs, DBI#, EDC, 
WCK, WCK#
DCio
0.6
pF
Delta Input Capacitance: Command and Address
DCi1
0.6
pF
Delta Input Capacitance: CK, CK#
DCi2
0.3
pF
Input/Output Capacitance: DQs, DBI#, EDC, WCK, 
WCK#
Cio
2.1
pF
Input Capacitance: Command and Address
Ci1
1.8
pF
Input Capacitance: CK, CK#, WCK, WCK#
Ci2
1.8
pF
Input Capacitance: CKE#
Ci3
1.8
pF
Table 38  Thermal Characteristics
Parameter
Description
Value
Units
Notes
Theta_JA
Thermal resistance junction to ambient
32.5
oC/W
1,2,3,4
Theta_JB
Thermal resistance junction to board
15.6
oC/W
1,2,5
Theta_JC
Thermal resistance junction to case
5.3
oC/W
1,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com