Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 112 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 112 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 111Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 112Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 113Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 114Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 115Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 116Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
112
Rev A6
04/15/2019
8.41 INFORMATION ROW READ OPERATION (IRRD, 68h)
The IRRD instruction is used to read data from Information Row.
The IRRD instruction code is followed by three address bytes (A23 - A0) and dummy cycles (configurable, default
is 8 clocks), transmitted via the SI line, with each bit latched-in during the rising edge of SCK. Then the first data
byte addressed is shifted out on the SO line, with each bit shifted out at a maximum frequency fCT, during the falling
edge of SCK.
The address is automatically incremented by one after each byte of data is shifted out. Once the address reaches
the last address of each 256 byte Information Row, the next address will not be valid and the data of the address
will be garbage data. It is recommended to repeat four times IRRD operation that reads 256 byte with a valid starting
address of each Information Row in order to read all data in the 4 x 256 byte Information Row array. The IRRD
instruction is terminated by driving CE# high (VIH).
If an IRRD instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction is
ignored and will not have any effects on the current cycle
The sequence of IRRD instruction is same as Fast Read except for the instruction code. IRRD QPI sequence is
same as Fast Read QPI except for the instruction code. Refer to the Fast Read QPI operation.
The maximum operating clock frequency for the IRRD operation is the same with Fast Read Operation.
Figure 8.81 IRRD (Information Row Read) Sequence
Instruction = 68h
Dummy Cycles
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...
Note: Dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com