Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 109 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 109 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 111Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 112Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 113Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
109
Rev A6
04/15/2019
Figure 8.78 Software Reset Enable and Software Reset QPI Sequence (RSTEN, 66h + RST, 99h)
66h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
99h
0
1
8.38 SECURITY INFORMATION ROW
The security Information Row is comprised of an additional 4 x 256 bytes of programmable information. The security
bits can be reprogrammed by the user. Any program security instruction issued while an erase, program or write
cycle is in progress is rejected without having any effect on the cycle that is in progress.
Table 8.10 Information Row Valid Address Range
Address Assignment
A[23:16]
A[15:8]
A[7:0]
IRL0 (Information Row Lock0)
00h
00h
Byte address
IRL1
00h
10h
Byte address
IRL2
00h
20h
Byte address
IRL3
00h
30h
Byte address
Bit 7~4 of the Function Register is used to permanently lock the programmable memory array.
When Function Register bit IRLx = “0”, the 256 bytes of the programmable memory array can be programmed.
When Function Register bit IRLx = “1”, the 256 bytes of the programmable memory array function as read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com