Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 106 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 106 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 110Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
106
Rev A6
04/15/2019
8.34 READ UNIQUE ID NUMBER (RDUID, 4Bh)
The Read Unique ID Number (RDUID) instruction accesses a factory-set read-only 16-byte number that is unique
to the device. The ID number can be used in conjunction with user software methods to help prevent copying or
cloning of a system. The RDUID instruction is instated by driving the CE# pin low and shifting the instruction code
(4Bh) followed by 3 address bytes and dummy cycles (configurable, default is 8 clocks). After which, the 16-byte
ID is shifted out on the falling edge of SCK as shown below.
As a result, the sequence of RDUID instruction is same as FAST READ. RDUID sequence in QPI mode is also
same as FAST READ sequence in QPI mode except for the instruction code. Refer to the FAST READ operation
in QPI mode.
Note: 16 bytes of data will repeat as long as CE# is low and SCK is toggling.
Figure 8.75 RDUID Sequence In SPI Mode
Instruction = 4Bh
Dummy Cycles
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...
Note: Dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy Cycles.
Table 8.9 Unique ID Addressing
A[23:16]
A[15:9]
A[8:4]
A[3:0]
XXh
XXh
00h
0h Byte address
XXh
XXh
00h
1h Byte address
XXh
XXh
00h
2h Byte address
XXh
XXh
00h
XXh
XXh
00h
Fh Byte address
Note: XX means
“don’t care”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com