Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 107 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 107 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 111Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
107
Rev A6
04/15/2019
8.35 READ SFDP OPERATION (RDSFDP, 5Ah)
The Serial Flash Discoverable Parameters (SFDP) standard provides a consistent method of describing the
functions and features of serial Flash devices in a standard set of internal parameter tables. These parameters can
be interrogated by host system software to enable adjustments needed to accommodate divergent features from
multiple vendors. For more details please refer to the JEDEC Standard JESD216A (Serial Flash Discoverable
Parameters).
The sequence of issuing RDSFDP instruction is same as FAST_READ: CE# goes low  Send RDSFDP instruction
(5Ah)  Send 3 address bytes on SI pin  Send dummy cycles (configurable, default is 8 clocks) on SI pin 
Read SFDP code on SO 
End RDSFDP operation by driving CE# high at any time during data out. Refer to ISSI’s
Application note for SFDP table. The data at the addresses that are not specified in SFDP table are undefined.
The sequence of RDSFDP instruction is same as FAST READ except for the instruction code. RDSFDP QPI
sequence is also same as FAST READ QPI except for the instruction code. Refer to the FAST READ QPI operation.
Figure 8.76 RDSFDP (Read SFDP) Sequence
Instruction = 5Ah
Dummy Cycles
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...
Note: Dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy Cycles.
8.36 NO OPERATION (NOP, 00h)
The No Operation command solely cancels a Reset Enable command and has no impact on any other commands.
It is available in both SPI and QPI modes. To execute a NOP, the host drives CE# low, sends the NOP command
cycle (00H), then drives CE# high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com