Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 138 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 138 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 134Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 135Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 136Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 137Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 138Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 139Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 140Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 141Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 142Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
138
Rev A6
04/15/2019
8.48 WRITE BANK ADDRESS REGISTER OPERATION (WRBRNV: 18h, WRBRV: 17h/C5h)
The Write Bank Address Register (WRBRNV and WRBRV) instruction is used to write address bits above A23, into
the Bank Address Register (BAR). WRBRNV is used to write the non-volatile Bank Address Register and WRBRV
is used to write the volatile Bank Address Register. The instruction is also used to write the Extended Address
Control bit (EXTADD) that is also in BAR[7]. BAR provides the high order addresses needed by devices having
more than 128Mbits (16Mbytes), when using 3-byte address commands without extended addressing enabled
(BAR[7] EXTADD = 0).
WRBRNV requires the Write Enable (WREN) command to precede it while WRBRV does not require WREN
command.
The WRBRNV/WRBRV instruction is followed by the data byte. The Bank Address Register is one data byte in
length. The Write In Progress (WIP) bit
is “1” during WRBRNV operation, and is “0” when it is completed. The
WRBRV command has no effect on the Write In Progress (WIP) bit. Any bank address bit reserved for the future
should always be written as “0”. Data is shifted in from SI and in SPI whereas data is shifted in via four pins (IO0-
IO3) in QPI.
Note: When WRBRNV is executed, the volatile Bank Address Register is set as well as the non-volatile Bank Address
Register.
Figure 8.110 Write Bank Address Register Sequence In SPI Mode
Instruction = 18h or 17h/C5h
CE #
SCK
SI
SO
Data In
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
7
3
2
1
0
6
5
4
High Impedence
Figure 8.111 Write Bank Address Register Sequence In QPI Mode
18h or
17h/C5h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com